PART |
Description |
Maker |
74LCX16500 74LCX16500MTD 74LCX16500G 74LCX16500MEA |
BUS TRANSCEIVER|SINGLE|18-BIT|LCX-CMOS|SSOP|56PIN|PLASTIC Low Voltage 18-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
IDT74ALVCH162836 |
3.3V CMOS 20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
IDT74ALVCH16501 |
3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
IDT74ALVCH32501BF IDT74ALVCH32501BF8 |
3.3V CMOS 36-Bit Universal Bus Transceiver with 3-State Outputs and Bus-Hold
|
IDT
|
IDT74ALVCH16835 74ALVCH16835_DS_49678 |
3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD From old datasheet system
|
IDT
|
IDT74ALVCH16903PA IDT74ALVCH16903PV IDT74ALVCH1690 |
3.3V CMOS 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER, DUAL 3-STATE OUTPUTS AND BUS-HOLD
|
IDT[Integrated Device Technology]
|
74ALVC162835 74ALVC162835T |
Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26з Series Resistors in Outputs 低电8位通用总线输入3.6V的容错驱动器/输出6з在输出串联电 Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26 Series Resistors in Outputs Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26-Ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74VCXF162835 74VCXF162835MTX MTD56 74VCXF16283_001 |
18-Bit Buffer/Driver Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26 Series Resistors in Outputs Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26?/a> Series Resistors in Outputs Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26з Series Resistors in Outputs Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26-Ohm Series Resistors in Outputs Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26 Ohm Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
MAX1320ECM MAX1316ECM MAX1317ECM MAX1324ECM MAX132 |
Dual 8-Bit To 9-Bit Parity Bus Transceivers 56-SSOP -40 to 85 18-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
|
Maxim Integrated Products, Inc. ADC
|
74ALVCH16501DGG 74ALVCH16501DL |
18-bit universal bus transceiver; 3-state
|
NXP Semiconductors N.V.
|